PART |
Description |
Maker |
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
MAX1976 MAX1976ETT MAX1976EZT MAX1963 MAX1963ETT M |
0.75 V, low-input-voltage, 300 mA LDO regulator with RESET 2.50 V, low-input-voltage, 300 mA LDO regulator with RESET Low-Input-Voltage, 300mA LDO Regulators with RESET-bar in SOT and TDFN Low-Input-Voltage / 300mA LDO Regulators with RESETin SOT and TDFN Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN 低输入电压,300mA的LDORESETin SOT和TDFN封装稳压 1.2 V, low-input-voltage, 300 mA LDO regulator with RESET 3.0 V, low-input-voltage, 300 mA LDO regulator with RESET 2.5 V, low-input-voltage, 300 mA LDO regulator with RESET 2.85 V, low-input-voltage, 300 mA LDO regulator with RESET 1.0 V, low-input-voltage, 300 mA LDO regulator with RESET
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5315-GGCYMT MIC5315-F4CYMT MIC5315-GW3YMT MIC53 |
Low Voltage Dual 300mA LDO with Voltage Select
|
Micrel Semiconductor
|
MIC5313-1.5/1.4YMT MIC5313-G4YMT MIC5313-1.5/1.0YM |
Low Voltage Dual 300mA LDO
|
Micrel Semiconductor
|
RE031NBSP RE031 |
A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated f From old datasheet system
|
Atmel corp
|
443H 754H 1847E 547G 2544E 743E 555H 447 447H 647H |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits LOW LQ 250MA LDO, VIN 16V MAX, VOUT=4.0V, -40C to 125C, 3-SOT-223, TUBE Anything-to-LVPECL/LVDS Translators with Pin-Selectable Divide-by-Four Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits 8-Bit CODECs Wired Remote Controllers 光电 Optoelectronic 光电
|
Thomas RECOM Electronic GmbH
|
MIC49200-1.8WR MIC49200 MIC49200-1.0WR MIC49200WR |
2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
|
Micrel Semiconductor
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
MIC4950007 MICRELINC-MIC49500-0.9WUTR |
5A Dual Supply, Low Voltage, High Bandwidth LDO
|
Micrel Semiconductor
|
FAN2558MP15X FAN2558 FAN2559 FAN2559S18X FAN2558AD |
180mA Low Voltage CMOS LDO 1 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Output Voltage CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 180mA Low Output Voltage Low Noise CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 3.6 V FIXED POSITIVE LDO REGULATOR, PDSO5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
XC6416GG01ER XC6416GG01MR XC6416GG02ER XC6416GG02M |
Dual LDO Voltage Regulator with 隆掳GreenOperation隆卤 Dual LDO Voltage Regulator with ??reenOperation??/a> Dual LDO Voltage Regulator with “GreenOperation?/a> Dual LDO Voltage Regulator with ??reenOperation??/a> Dual LDO Voltage Regulator with “GreenOperation?/a> Dual LDO Voltage Regulator with “GreenOperation?
|
Torex Semiconductor http://
|